PART |
Description |
Maker |
1774762001 |
SL-SMT5.08/2/90 1.5SN
|
Weidmuller
|
1775922001 |
SL-SMT5.08/2/180G 1.5SN
|
Weidmuller
|
1775522001 |
SL-SMT5.08/2/180 1.5SN
|
Weidmuller
|
1796630000 |
SL-SMT5.00/2/180G 1.5SN
|
Weidmuller
|
1626000000 |
SL 5.00/3/90 4.5SN SW
|
Weidmuller
|
1728000000 |
S2L 3.5/8/90G 3.5SN SW
|
Weidmuller
|
1729020000 |
S2L 3.5/20/180G3.5SN SW
|
Weidmuller
|
1783680000 |
OMNIMATE Power - series LX LX 15.00/03/90 4.5SN GY BX
|
List of Unclassifed Manufacturers
|
10-06-1075 10-06-1145 10-06-1025 |
5.08mm KK Hdr RA SqPin VrB 5Sn 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 5.08mm KK Hdr RA SqPin VrB 5Sn 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER HEADER, SQ PIN 0.2" R/A 2WAY ; Ways, No. of:2; Pitch:5.08mm; Current rating:7A; Diameter, PCB hole:1.57mm; Dielectric strength, VDC:1.5kV; Force, de-mating:1N; Force, mating:6.7N; Housing type:White Nylon UL94V-2; Material:Nylon;
|
Molex, Inc. MOLEX INC
|
10-08-1089 |
5.08mm KK Hdr Vt RPin VrI 5Sn 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
38-00-6865 |
5.08mm KK Hdr SqPin VrA Vd2 5Sn 4Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
|